PART |
Description |
Maker |
K40P144M100SF211 MK40N512VMD100 MK40N512VLQ100 MK4 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz 32-BIT, FLASH, 100 MHz, RISC MICROCONTROLLER, PQFP144
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
K52P144M100SF2 |
Up to 100 MHz ARM Cortex-M4 core
|
Freescale Semiconductor
|
MK20N512VLL100 K20P100M100SF2 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K30P100M100SF2 MK30N512VLL100 |
Up to 100 MHz ARM Cortex-M4 core with DSP structions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
K60P100M100SF2 MK60N256VLL100 MK60N512VLL100 |
Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
|
Freescale Semiconductor, Inc
|
STM32F407IE STM32F407ZE STM32F407IGH6 STM32F405ZG |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 168 MHz CPU, Art Accelerator
|
STMicroelectronics ST Microelectronics
|
STM32F103RG STM32F103RF STM32F103RGT6 STM32F103VF |
Mainstream Performance line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 72 MHz CPU, motor control, USB and CAN XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB, CAN, 17 timers, 3 ADCs, 13 communication interfaces Mainstream Performance line, ARM Cortex-M3 MCU with 768 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics STMicroelectronics
|
EFM32TG11 |
ARM Cortex-M0 at 48 MHz
|
Silicon Laboratories
|
STM32F215RET6 STM32F217VG STM32F217IEH6 |
High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, HW crypto High-performance ARM Cortex-M3 MCU with 1 Mbyte Flash, 120 MHz CPU, ART Accelerator, Ethernet, HW crypto High-performance ARM Cortex-M3 MCU with 512 Kbytes Flash, 120 MHz CPU, ART Accelerator, Ethernet, HW crypto
|
ST Microelectronics
|
STM32F373VBH6 STM32F373RCT6 STM32F373RCT6TR STM32F |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 256 KBytes Flash, 72 MHz CPU, MPU, 16-bit ADC comparators Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, MPU, 16-bit ADC, comparators
|
ST Microelectronics
|
STM32F105VBH6 STM32F105VBT6 STM32F107VBT6 |
Mainstream Connectivity line, ARM Cortex-M3 MCU with 128 Kbytes Flash,72 MHz CPU, CAN, USB 2.0 OTG Mainstream Connectivity line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, Ethernet MAC, CAN and USB 2.0 OTG
|
ST Microelectronics
|